|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SBD T y p e : FSH05A06 FSH05A06 OULINE DRAWING FEATURES *Similar to TO-220AC Case *Fully Molded Isolation *Low Forward Voltage Drop *Low Power Loss,High Efficiency *High Surge Capability *Tj=150 C operation Maximum Ratings Rating Repetitive Peak Reverse Voltage Repetitive Peak Surge Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque Approx Net Weight: 1.7g Symbol VRRM VRRSM IO IF(RMS) IFSM Tjw Tstg Ftor FSH05A06 60 65(pulse width 1s duty 1/50) 50 Hz half Sine Wave 5 Tc=129C Resistive Load 7.85 50Hz Half Sine Wave ,1cycle 120 Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5 Unit V V A A A C C N*m Electrical * Thermal Characteristics Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM VFM Conditions Min. Typ. Max. 1 0.66 5 1.5 Unit mA V C /W C /W Tj= 25C, VRM= VRRM Tj= 25C, IFM= 5 A Rth(j-c) Junction to Case Rth(c-f) Cace to Fin FSH_A_ OUTLINE DRAWING (Dimensions in mm) FORWARD CURRENT VS. VOLTAGE FSH05A06/FSH05A06B 20 INSTANTANEOUS FORWARD CURRENT (A) 10 5 2 Tj=25C Tj=150C 1 0.5 0 0.2 0.4 0.6 0.8 1.0 1.2 INSTANTANEOUS FORWARD VOLTAGE (V) 0 180 CONDUCTION ANGLE AVERAGE FORWARD POWER DISSIPATION FSH05A06/FSH05A06B D.C. 5 AVERAGE FORWARD POWER DISSIPATION (W) 4 RECT 180 HALF SINE WAVE RECT 120 3 RECT 60 2 1 0 0 2 4 6 8 AVERAGE FORWARD CURRENT (A) PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE Tj= 150 C 50 FSH05A06/FSH05A06B PEAK REVERSE CURRENT (mA) 20 10 5 0 10 20 30 40 50 60 70 PEAK REVERSE VOLTAGE (V) AVERAGE REVERSE POWER DISSIPATION FSH05A06/FSH05A06B AVERAGE REVERSE POWER DISSIPATION (W) D.C. 2.0 RECT 300 1.6 RECT 240 1.2 RECT 180 0.8 HALF SINE WAVE 0.4 0 0 10 20 30 40 50 60 70 REVERSE VOLTAGE (V) 0 180 CONDUCTION ANGLE AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE V RM =60 V FSH05A06/FSH05A06B D.C. 8 AVERAGE FORWARD CURRENT (A) 6 RECT 180 HALF SINE WAVE RECT 120 4 RECT 60 2 0 0 25 50 75 100 125 150 CASE TEMPERATURE (C) SURGE CURRENT RATINGS f=50Hz,Sine Wave,Non-Repetitive,No Load 140 FSH05A06/FSH05A06B 120 SURGE FORWARD CURRENT (A) 100 80 60 40 I FSM 0.02s 20 0 0.02 0.05 0.1 0.2 0.5 1 2 TIME (s) JUNCTION CAPACITANCE VS. REVERSE VOLTAGE Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue FSH05A06/FSH05A06B 1000 JUNCTION CAPACITANCE (pF) 500 200 100 50 0.5 1 2 5 10 20 50 100 REVERSE VOLTAGE (V) |
Price & Availability of FSH05A06 |